Part Number Hot Search : 
TS3V339 CTZ2VX ZM2CR60W SOD168R3 LTC5836P TD6358N 003930 0CS14
Product Description
Full Text Search
 

To Download HDM16216L-5-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 73 pin connections pin no. symbol level function 1v ss -0v power supply 2v dd -5v 3v l -- 4rsh/lh: data input l: instruction data input 5 r/w h/l h: data read l: data write 6e h,h l enable signal 7d0h/l data bus 8d1h/l 9d2h/l 10 d3 h/l 11 d4 h/l 12 d5 h/l 13 d6 h/l 14 d7 h/l 15 a - anode for led backlight 16 k - cathode for led backlight electrical characteristics (vdd=5.00.25v 25c) parameter sym condition min typ max unit power supply current i dd v dd =5.0v - 1.0 2.2 ma power supply for lcd v dd -v l t a =25c 4.3 - 4.7 v led forward vtg (white) (yellow) v f i f =20ma 3.0 3.3 3.6 v i f =75ma 3.9 4.1 4.5 brightness (white) (yellow) l i f =20ma 6075- cd/m2 i f =75ma 3050- drive method 1/16 duty absolute maximum ratings parameter symbol min max unit supply voltage v dd -v ss 07.0v supply voltage for lcd v dd -v l 0 13.5 v operating temperature t op 050c storage temperature t stg -20 70 c led forward current (white) (yellow) i f - 25 ma - 120 led reverse voltage (white) (yellow) v r - 5v - 8 led power consumption (white) (yellow) p d - 80 mw - 540 physical data module size ......................................80.0w x 36.0h x 14.5t mm thin version.......................80.0w x 36.0h x 13.0t mm viewing area size..........................................64.5w x 13.5h mm weight...................................................................................35g features character format ...................................... 5x7 dots with cursor backlight..................................................... white or yellow led options....................................tn/gray stn/yellow stn, fstn 12 o?clock/6 o?clock view normal/extended temperature normal/negative displays block diagram d0 - d7 e r/w rs v l v dd v ss k a lcd controller hd44780 or equivalent lcd panel led backlight com 1 - 16 seg 40 4 driver 40 resistor supplied by user dimensional drawing 16 1 14.5 max 9.0 1.6 16- 1.0 4- 2.5 hole 2.5 2.95 0.7 0.05 0.55 .50 0.05 4.35 0.7 27.1 13.5 9.4 75.0 64.5 80.00.5 31.0 36.0 73.0 2.54x15=38.1 8.0 16 character x 2 lines led backlight, connector on top dimension tolerance: +/-0.3mm hdm16216l-5 13.6 max (t) 7.0 (t) (t) = thin version a k a k white led yellow led


▲Up To Search▲   

 
Price & Availability of HDM16216L-5-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X